Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE53820S Datasheet (PDF) - ON Semiconductor

PE53820S Datasheet PDF - ON Semiconductor
Part # PE53820S
Download  PE53820S Download

File Size   461.79 Kbytes
Page   28 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator

PE53820S Datasheet (PDF)

Go To PDF Page Download Datasheet
PE53820S Datasheet PDF - ON Semiconductor

Part # PE53820S
Download  PE53820S Click to download

File Size   461.79 Kbytes
Page   28 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator

PE53820S Datasheet (HTML) - ON Semiconductor

Back Button PE53820S Datasheet HTML 1Page - ON Semiconductor PE53820S Datasheet HTML 2Page - ON Semiconductor PE53820S Datasheet HTML 3Page - ON Semiconductor PE53820S Datasheet HTML 4Page - ON Semiconductor PE53820S Datasheet HTML 5Page - ON Semiconductor PE53820S Datasheet HTML 6Page - ON Semiconductor PE53820S Datasheet HTML 7Page - ON Semiconductor PE53820S Datasheet HTML 8Page - ON Semiconductor PE53820S Datasheet HTML 9Page - ON Semiconductor PE53820S Datasheet HTML 10Page - ON Semiconductor Next Button 

PE53820S Product details

1.0 A, Adjustable Output Voltage, Step−Down Switching Regulator

The LM2575 series of regulators are monolithic integrated circuits ideally suited for easy and convenient design of a step−down switching regulator (buck converter). All circuits of this series are capable of driving a 1.0 A load with excellent line and load regulation. These devices are available in fixed output voltages of 3.3 V, 5.0 V, 12 V, 15 V, and an adjustable output version.

Features
• 3.3 V, 5.0 V, 12 V, 15 V, and Adjustable Output Versions
• Adjustable Version Output Voltage Range of 1.23 V to 37 V ±4% Maximum Over Line and Load Conditions
• Guaranteed 1.0 A Output Current
• Wide Input Voltage Range: 4.75 V to 40 V
• Requires Only 4 External Components
• 52 kHz Fixed Frequency Internal Oscillator
• TTL Shutdown Capability, Low Power Standby Mode
• High Efficiency
• Uses Readily Available Standard Inductors
• Thermal Shutdown and Current Limit Protection
• Moisture Sensitivity Level (MSL) Equals 1
• Pb−Free Packages are Available*

Applications
• Simple and High−Efficiency Step−Down (Buck) Regulators
• Efficient Pre−Regulator for Linear Regulators
• On−Card Switching Regulators
• Positive to Negative Converters (Buck−Boost)
• Negative Step−Up Converters
• Power Supply for Battery Chargers




Similar Part No. - PE53820S

ManufacturerPart #DatasheetDescription
logo
Wuxi U-NIKC Semiconduct...
PE532DX UNIKC-PE532DX Datasheet
822Kb / 8P
   Dual N-Channel Enhancement Mode MOSFET
PE532DY UNIKC-PE532DY Datasheet
764Kb / 8P
   Dual N-Channel Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PE533BA NIKOSEM-PE533BA Datasheet
397Kb / 6P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV 1.0
PE534SA NIKOSEM-PE534SA Datasheet
318Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PE534SA UNIKC-PE534SA Datasheet
761Kb / 8P
   N-Channel Enhancement Mode MOSFET
More results


Similar Description - PE53820S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
LM2575D2T-005 ONSEMI-LM2575D2T-005 Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down
June, 2009 ??Rev. 11
LM2574 ONSEMI-LM2574 Datasheet
279Kb / 28P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2574 ONSEMI-LM2574_15 Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
LM2595 ONSEMI-LM2595 Datasheet
572Kb / 25P
   1.0 A, Step-Down Switching Regulator
February, 2009 ??Rev. 2
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com