Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D12S400B Datasheet (PDF) - Delta Electronics, Inc.

D12S400B Datasheet PDF - Delta Electronics, Inc.
Part # D12S400B
Download  D12S400B Download

File Size   798.79 Kbytes
Page   12 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description Non-Isolated Point of Load DC/DC Modules: 10.8~13.2Vin, 0.8375~5.0V/ 80A output

D12S400B Datasheet (PDF)

Go To PDF Page Download Datasheet
D12S400B Datasheet PDF - Delta Electronics, Inc.

Part # D12S400B
Download  D12S400B Click to download

File Size   798.79 Kbytes
Page   12 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description Non-Isolated Point of Load DC/DC Modules: 10.8~13.2Vin, 0.8375~5.0V/ 80A output

D12S400B Datasheet (HTML) - Delta Electronics, Inc.

Back Button D12S400B Datasheet HTML 1Page - Delta Electronics, Inc. D12S400B Datasheet HTML 2Page - Delta Electronics, Inc. D12S400B Datasheet HTML 3Page - Delta Electronics, Inc. D12S400B Datasheet HTML 4Page - Delta Electronics, Inc. D12S400B Datasheet HTML 5Page - Delta Electronics, Inc. D12S400B Datasheet HTML 6Page - Delta Electronics, Inc. D12S400B Datasheet HTML 7Page - Delta Electronics, Inc. D12S400B Datasheet HTML 8Page - Delta Electronics, Inc. D12S400B Datasheet HTML 9Page - Delta Electronics, Inc. D12S400B Datasheet HTML 10Page - Delta Electronics, Inc. Next Button 



Similar Part No. - D12S400B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S400B DELTA-D12S400B Datasheet
566Kb / 12P
   5~13.2Vin, 0.8375~5.0V/ 80A output
D12S400B DELTA-D12S400B Datasheet
733Kb / 13P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
More results


Similar Description - D12S400B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S400 DELTA-D12S400 Datasheet
566Kb / 12P
   5~13.2Vin, 0.8375~5.0V/ 80A output
D12S05020-1A DELTA-D12S05020-1A Datasheet
596Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.2Vin, 0.59V~5.0Vout, 20A
DUS1250EF DELTA-DUS1250EF Datasheet
669Kb / 17P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules: 2.97~13.2Vin, 0.59V-5Vout, 10Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DUS1250EF DELTA-DUS1250EF_14 Datasheet
669Kb / 18P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules
D12S05020-1A DELTA-D12S05020-1A_14 Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
NC12S0A0VH15PN-A DELTA-NC12S0A0VH15PN-A Datasheet
1Mb / 13P
   D/E Non-Isolated Point of Load DC/DC Modules
D12S400A DELTA-D12S400A_14 Datasheet
733Kb / 13P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
D12S400-A DELTA-D12S400-A Datasheet
798Kb / 12P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com