Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1600FSS18 Datasheet (PDF) - Dynex Semiconductor

GP1600FSS18 Datasheet PDF - Dynex Semiconductor
Part # GP1600FSS18
Download  GP1600FSS18 Download

File Size   127.1 Kbytes
Page   9 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Single Switch IGBT Module

GP1600FSS18 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP1600FSS18 Datasheet PDF - Dynex Semiconductor

Part # GP1600FSS18
Download  GP1600FSS18 Click to download

File Size   127.1 Kbytes
Page   9 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Single Switch IGBT Module

GP1600FSS18 Datasheet (HTML) - Dynex Semiconductor

GP1600FSS18 Datasheet HTML 1Page - Dynex Semiconductor GP1600FSS18 Datasheet HTML 2Page - Dynex Semiconductor GP1600FSS18 Datasheet HTML 3Page - Dynex Semiconductor GP1600FSS18 Datasheet HTML 4Page - Dynex Semiconductor GP1600FSS18 Datasheet HTML 5Page - Dynex Semiconductor GP1600FSS18 Datasheet HTML 6Page - Dynex Semiconductor GP1600FSS18 Datasheet HTML 7Page - Dynex Semiconductor GP1600FSS18 Datasheet HTML 8Page - Dynex Semiconductor GP1600FSS18 Datasheet HTML 9Page - Dynex Semiconductor

GP1600FSS18 Product details

The powerline range of high power modules includes dual and single switch configurations covering voltages from 600V to 3300V and currents up to 4800A.
The GP1600FSS18 is a single switch 1800V, n channel enhancement mode, insulated gate bipolar transistor (IGBT) module. The IGBT has a wide reverse bias safe operating area (RBSOA) ensuring reliability in demanding applications.

FEATURES
■ Non Punch Through Silicon
■ Isolated Copper Baseplate
■ Low Inductance Internal Construction
■ 1600A Per Module

APPLICATIONS
■ High Power Inverters
■ Motor Controllers
■ Induction Heating
■ Resonant Converters




Similar Part No. - GP1600FSS18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP1600FSS12 DYNEX-GP1600FSS12 Datasheet
88Kb / 11P
   Powerline N-Channel Single Switch IGBT Module Advance Information
More results


Similar Description - GP1600FSS18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM1800ESM12-A000 DYNEX-DIM1800ESM12-A000 Datasheet
331Kb / 8P
   Single Switch IGBT Module
DIM800XSM45-TS000 DYNEX-DIM800XSM45-TS000 Datasheet
403Kb / 8P
   Single Switch IGBT Module
DIM800XSM45-TS001 DYNEX-DIM800XSM45-TS001 Datasheet
403Kb / 8P
   Single Switch IGBT Module
DIM2400ESM17-A000 DYNEX-DIM2400ESM17-A000_15 Datasheet
373Kb / 8P
   Single Switch IGBT Module
DIM800NSM33-F000 DYNEX-DIM800NSM33-F000_12 Datasheet
365Kb / 8P
   Single Switch IGBT Module
DIM1200FSS12-A000 DYNEX-DIM1200FSS12-A000 Datasheet
350Kb / 8P
   Single Switch IGBT Module
DIM1800ESS12-A000 DYNEX-DIM1800ESS12-A000 Datasheet
368Kb / 8P
   Single Switch IGBT Module
GP1200FSS18 DYNEX-GP1200FSS18 Datasheet
132Kb / 10P
   Single Switch IGBT Module
DIM800XSM33-F000 DYNEX-DIM800XSM33-F000 Datasheet
288Kb / 8P
   Single Switch IGBT Module
DIM2400ESM17-A000 DYNEX-DIM2400ESM17-A000 Datasheet
180Kb / 10P
   Single Switch IGBT Module
DIM800XSM45-TS001 DYNEX-DIM800XSM45-TS001_15 Datasheet
403Kb / 8P
   Single Switch IGBT Module
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com