Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-C4CQ-16000-M01-RR Datasheet (PDF) - Fujitsu Component Limited.

FAR-C4CQ-16000-M01-RR Datasheet PDF - Fujitsu Component Limited.
Part # FAR-C4CQ-16000-M01-RR
Download  FAR-C4CQ-16000-M01-RR Download

File Size   78.27 Kbytes
Page   9 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description Piezoelectric Resonator (4 to 16 MHz)

FAR-C4CQ-16000-M01-RR Datasheet (PDF)

Go To PDF Page Download Datasheet
FAR-C4CQ-16000-M01-RR Datasheet PDF - Fujitsu Component Limited.

Part # FAR-C4CQ-16000-M01-RR
Download  FAR-C4CQ-16000-M01-RR Click to download

File Size   78.27 Kbytes
Page   9 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description Piezoelectric Resonator (4 to 16 MHz)

FAR-C4CQ-16000-M01-RR Datasheet (HTML) - Fujitsu Component Limited.

FAR-C4CQ-16000-M01-RR Datasheet HTML 1Page - Fujitsu Component Limited. FAR-C4CQ-16000-M01-RR Datasheet HTML 2Page - Fujitsu Component Limited. FAR-C4CQ-16000-M01-RR Datasheet HTML 3Page - Fujitsu Component Limited. FAR-C4CQ-16000-M01-RR Datasheet HTML 4Page - Fujitsu Component Limited. FAR-C4CQ-16000-M01-RR Datasheet HTML 5Page - Fujitsu Component Limited. FAR-C4CQ-16000-M01-RR Datasheet HTML 6Page - Fujitsu Component Limited. FAR-C4CQ-16000-M01-RR Datasheet HTML 7Page - Fujitsu Component Limited. FAR-C4CQ-16000-M01-RR Datasheet HTML 8Page - Fujitsu Component Limited. FAR-C4CQ-16000-M01-RR Datasheet HTML 9Page - Fujitsu Component Limited.

FAR-C4CQ-16000-M01-RR Product details

■DESCRIPTION

Fujitsu resonators C4 series (P/Q type) feature single crystals with a high electro-mechanical coefficient (LiNbO3: lithium niobate), the result is very compact packaging.

C4 series (P/Q type) with built-in capacitors for exclusive use in microcomputer clocks, and this series is chip

type device for surface-mount and suitable for motor appication due to its high reliability package.



■FEATURES

• Wide frequency range in 4 to 16 MHz

• Suitable for microcomputer clock

• PCT (121°C, 2 atms, 96 hours) is guaranteed for Motor application.

• Emboss-typed pack for automatic mounting

• Superior shock and vibration resistance, preventing damage during automatic mounting



 




Similar Part No. - FAR-C4CQ-16000-M01-RR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-C4CG FUJITSU-FAR-C4CG Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4CG-0800-M FUJITSU-FAR-C4CG-0800-M Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4CG-0800-M02 FUJITSU-FAR-C4CG-0800-M02 Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4CG-0800-M05 FUJITSU-FAR-C4CG-0800-M05 Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4CG-0800-M12 FUJITSU-FAR-C4CG-0800-M12 Datasheet
200Kb / 9P
   Piezoelectric Resonator
More results


Similar Description - FAR-C4CQ-16000-M01-RR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-C3C FUJITSU-FAR-C3C Datasheet
73Kb / 9P
   Piezoelectric Resonator (4 to 20 MHz)
FAR-C4CN FUJITSU-FAR-C4CN Datasheet
61Kb / 9P
   Piezoelectric Resonator (4 to 23.9 MHz)
FAR-C4CL FUJITSU-FAR-C4CL Datasheet
83Kb / 10P
   Piezoelectric Resonator (24 to 40 MHz)
FAR-C4CG-08000-M05 FUJITSU-FAR-C4CG-08000-M05 Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4SB-14746-L12-T FUJITSU-FAR-C4SB-14746-L12-T Datasheet
305Kb / 11P
   Piezoelectric Resonator
FAR-M2DB FUJITSU-FAR-M2DB Datasheet
65Kb / 8P
   Piezoelectric VCO (4 to 30 MHz)
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com