Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-8103 Datasheet (PDF) - Agilent(Hewlett-Packard)

HLMP-8103 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HLMP-8103
Download  HLMP-8103 Download

File Size   164.76 Kbytes
Page   5 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps

HLMP-8103 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-8103 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HLMP-8103
Download  HLMP-8103 Click to download

File Size   164.76 Kbytes
Page   5 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps

HLMP-8103 Datasheet (HTML) - Agilent(Hewlett-Packard)

HLMP-8103 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-8103 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-8103 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-8103 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-8103 Datasheet HTML 5Page - Agilent(Hewlett-Packard)

HLMP-8103 Product details

Description
These T-13/4, untinted, nondiffused lamps utilize a highly optimized LED material technology, transparent substrate aluminum gallium arsenide (TS AlGaAs). This LED technology has a very high luminous efficiency, capable of producing high light output over a wide range of drive currents (500 µA to 50 mA). The color is deep red at a dominant wavelength of 644 nm. TS AlGaAs is a flip-chip LED technology, die attached to the anode lead and wire bonded to the cathode lead.

Features
• Exceptional Brightness
• Outstanding LED Material Efficiency
• High Light Output Over a Wide Range of Drive Currents
• Viewing Angle: Narrow or Wide
• Low Forward Voltage
• Low Power Dissipation
• CMOS/MOS Compatible
• Red Color




Similar Part No. - HLMP-8103

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-8109 HP-HLMP-8109 Datasheet
121Kb / 8P
   T-13/4 Super Ultra-Bright LED Lamps
More results


Similar Description - HLMP-8103

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-J100 HP-HLMP-J100 Datasheet
113Kb / 4P
   T-1 (3 mm) High Performance TS AlGaAs Red LED Lamps
HLMA-DX05 HP-HLMA-DX05 Datasheet
132Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance, Tinted, Diffused, AlInGaP, and TS AlGaAs Red LED Lamps
HSDL-4200 HP-HSDL-4200_1 Datasheet
145Kb / 6P
   High-Performance T-13/4 (5 mm) TS AlGaAs Infrared (875 nm) Lamp
HSDL-4200 HP-HSDL-4200 Datasheet
131Kb / 5P
   High-Performance T-13/4 (5 mm) TS AlGaAs Infrared (875 nm) Lamp
HLMP-P106 HP-HLMP-P106 Datasheet
390Kb / 9P
   Agilent Subminiature High Performance TS AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com