Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82144B2153K000 Datasheet (PDF) - TDK Electronics

B82144B2153K000 Datasheet PDF - TDK Electronics
Part # B82144B2153K000
Download  B82144B2153K000 Download

File Size   451.37 Kbytes
Page   9 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description RF chokes, LBC series

B82144B2153K000 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82144B2153K000 Datasheet PDF - TDK Electronics

Part # B82144B2153K000
Download  B82144B2153K000 Click to download

File Size   451.37 Kbytes
Page   9 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description RF chokes, LBC series

B82144B2153K000 Datasheet (HTML) - TDK Electronics

B82144B2153K000 Datasheet HTML 1Page - TDK Electronics B82144B2153K000 Datasheet HTML 2Page - TDK Electronics B82144B2153K000 Datasheet HTML 3Page - TDK Electronics B82144B2153K000 Datasheet HTML 4Page - TDK Electronics B82144B2153K000 Datasheet HTML 5Page - TDK Electronics B82144B2153K000 Datasheet HTML 6Page - TDK Electronics B82144B2153K000 Datasheet HTML 7Page - TDK Electronics B82144B2153K000 Datasheet HTML 8Page - TDK Electronics B82144B2153K000 Datasheet HTML 9Page - TDK Electronics

B82144B2153K000 Product details

Inductors RF chokes, LBC+ series

LBC chokes, radial leaded
Rated inductance 1 µH … 470 µH
Rated current 600 mA … 4450 mA

Features
■ Very high rated current
■ High saturation behaviour
■ Suitable for wave soldering
■ RoHS-compatible

Applications
■ DC-DC converters
■ Filtering of supply voltage
■ RF blocking and filtering
■ Decoupling and interference suppression
■ For telecommunications, LED and energy-saving lamps, entertainment electronics




Similar Part No. - B82144B2153K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82144B EPCOS-B82144B Datasheet
168Kb / 8P
   Inductors
B82144B1102K000 EPCOS-B82144B1102K000 Datasheet
168Kb / 8P
   Inductors
B82144B1103K000 EPCOS-B82144B1103K000 Datasheet
168Kb / 8P
   Inductors
B82144B1104J000 EPCOS-B82144B1104J000 Datasheet
168Kb / 8P
   Inductors
B82144B1105J000 EPCOS-B82144B1105J000 Datasheet
168Kb / 8P
   Inductors
More results


Similar Description - B82144B2153K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82144A2102K000 TDK-B82144A2102K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
B82144F2393J000 TDK-B82144F2393J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F2823J000 TDK-B82144F2823J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
logo
EPCOS
B82144A EPCOS-B82144A Datasheet
194Kb / 9P
   Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
B82144A2106J EPCOS-B82144A2106J Datasheet
195Kb / 9P
   For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com