Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK800 Datasheet (PDF) - NEC

2SK800 Datasheet PDF - NEC
Part # 2SK800
Download  2SK800 Download

File Size   150.38 Kbytes
Page   3 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description N-CHANNEL MOS FIELD EFFECT POWER TRANSISTOR

2SK800 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK800 Datasheet PDF - NEC

Part # 2SK800
Download  2SK800 Click to download

File Size   150.38 Kbytes
Page   3 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description N-CHANNEL MOS FIELD EFFECT POWER TRANSISTOR

2SK800 Datasheet (HTML) - NEC

2SK800 Datasheet HTML 1Page - NEC 2SK800 Datasheet HTML 2Page - NEC 2SK800 Datasheet HTML 3Page - NEC

2SK800 Product details

DESCRIPTION
The 2SK800 is N-channel MOS Field Effect Power Transistor designed for converters.

FEATURES
● Suitable for switching power supplies, actuater controls, and pulse circuits
● Low RDS(on)
● No second breakdown



Similar Part No. - 2SK800

ManufacturerPart #DatasheetDescription
logo
NEC
2SK801 NEC-2SK801 Datasheet
154Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
logo
AiT Semiconductor Inc.
2SK801 AITSEMI-2SK801 Datasheet
610Kb / 6P
   MOSFET SMALL SIGNAL N-CHANNEL 60V, 310mA
REV1.0
logo
NEC
2SK802 NEC-2SK802 Datasheet
162Kb / 4P
   FAST SWITCHING N-CHANNEL SILICON POWER MOS FET
logo
Inchange Semiconductor ...
2SK803 ISC-2SK803 Datasheet
66Kb / 2P
   Drain Current ?밒D=8A@ TC=25C
2SK804 ISC-2SK804 Datasheet
64Kb / 2P
   Fast Switching Speed
More results


Similar Description - 2SK800

ManufacturerPart #DatasheetDescription
logo
NEC
2SK591 NEC-2SK591 Datasheet
126Kb / 3P
   N-CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
logo
List of Unclassifed Man...
2SK701 ETC-2SK701 Datasheet
41Kb / 1P
   N-CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
logo
NEC
2SK699 NEC-2SK699 Datasheet
144Kb / 3P
   N CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
2SK703 NEC-2SK703 Datasheet
145Kb / 3P
   N CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
2SK704 NEC-2SK704 Datasheet
126Kb / 3P
   N - CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
logo
List of Unclassifed Man...
2SK705 ETC-2SK705 Datasheet
181Kb / 1P
   N-CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
logo
NEC
2SK1271 NEC-2SK1271 Datasheet
342Kb / 9P
   N CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
2SK773 NEC-2SK773 Datasheet
145Kb / 3P
   N CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
2SK702 NEC-2SK702 Datasheet
104Kb / 3P
   N-CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
2SK700 NEC-2SK700 Datasheet
144Kb / 3P
   N-CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
logo
Renesas Technology Corp
2SK1285 RENESAS-2SK1285 Datasheet
418Kb / 8P
   N-CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
1993
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com