Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX20SA0800MJFBXZL-PF Datasheet (PDF) - Advanced Crystal Technology

TX20SA0800MJFBXZL-PF Datasheet PDF - Advanced Crystal Technology
Part # TX20SA0800MJFBXZL-PF
Download  TX20SA0800MJFBXZL-PF Download

File Size   648.02 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description TCXO, 2.0 x 1.6mm, Clipped sine wave

TX20SA0800MJFBXZL-PF Datasheet (PDF)

Go To PDF Page Download Datasheet
TX20SA0800MJFBXZL-PF Datasheet PDF - Advanced Crystal Technology

Part # TX20SA0800MJFBXZL-PF
Download  TX20SA0800MJFBXZL-PF Click to download

File Size   648.02 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description TCXO, 2.0 x 1.6mm, Clipped sine wave

TX20SA0800MJFBXZL-PF Datasheet (HTML) - Advanced Crystal Technology

TX20SA0800MJFBXZL-PF Datasheet HTML 1Page - Advanced Crystal Technology TX20SA0800MJFBXZL-PF Datasheet HTML 2Page - Advanced Crystal Technology



Similar Part No. - TX20SA0800MJFBXZL-PF

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TX20-10-7 FERROXCUBE-TX20-10-7 Datasheet
43Kb / 3P
   Ferrite toroids
TX20-13-6.4 FERROXCUBE-TX20-13-6.4 Datasheet
44Kb / 3P
   Alloy powder toroids
TX20/10/7 FERROXCUBE-TX20/10/7 Datasheet
43Kb / 3P
   Ferrite toroids
TX20/10/7-3E5 FERROXCUBE-TX20/10/7-3E5 Datasheet
43Kb / 3P
   Ferrite toroids
TX20/10/7-3E6 FERROXCUBE-TX20/10/7-3E6 Datasheet
43Kb / 3P
   Ferrite toroids
More results


Similar Description - TX20SA0800MJFBXZL-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TX25SA ACT-TX25SA Datasheet
650Kb / 2P
   TCXO, 2.5 x 2.0mm, Clipped sine wave
24062016
logo
QUARTZCOM the communica...
TX7-302 QUARTZCOM-TX7-302 Datasheet
231Kb / 1P
   SMD TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TX32SA ACT-TX32SA Datasheet
671Kb / 2P
   TCXO, 3.2 x 2.5mm, Clipped sine wave
24062016
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TSK3225 ACT-TSK3225 Datasheet
752Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCSW75 ACT-TCSW75 Datasheet
781Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
logo
MTRONPTI
M60641HSN MTRONPTI-M60641HSN Datasheet
882Kb / 2P
   2.0 x 2.5 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
logo
Advanced Crystal Techno...
ACT751T-4 ACT-ACT751T-4_13 Datasheet
373Kb / 3P
   Clipped Sine Wave TCXO/VCTCXO
07/10/2013
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com