Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH56D-PCI Datasheet (PDF) - Synaptics Incorporated.

RH56D-PCI Datasheet PDF - Synaptics Incorporated.
Part # RH56D-PCI
Download  RH56D-PCI Download

File Size   199.01 Kbytes
Page   12 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description Host Controlled V.90/K56flex Modem device

RH56D-PCI Datasheet (PDF)

Go To PDF Page Download Datasheet
RH56D-PCI Datasheet PDF - Synaptics Incorporated.

Part # RH56D-PCI
Download  RH56D-PCI Click to download

File Size   199.01 Kbytes
Page   12 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description Host Controlled V.90/K56flex Modem device

RH56D-PCI Datasheet (HTML) - Synaptics Incorporated.

Back Button RH56D-PCI Datasheet HTML 1Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 2Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 3Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 4Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 5Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 6Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 7Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 8Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 9Page - Synaptics Incorporated. RH56D-PCI Datasheet HTML 10Page - Synaptics Incorporated. Next Button 

RH56D-PCI Product details

Introduction
The Conexant RH56D-PCI V.90/K56flex™ Host Controlled Modem Device Family supports high speed analog data up to 56 kbps, 14.4 kbps fax, voice/TAM, and speakerphone (optional) operation. The modem operates with PSTN telephone lines in the U.S. and world-wide. The modem is available with or without speakerphone support (see Table 1).
The modem is packaged in a single 144-pin thin quad flat pack (TQFP) that combines PCI Bus Interface (BIF) and Modem Data Pump (MDP) functions. This modem is pin-compatible with the SoftK56-PCI modem, part number R6793 (see SoftK56-PCI data sheet Order No. MD231).

Features
• Data modem
   − ITU-T V.90, K56flex, V.34 (33.6 kbps), V.32 bis, V.32, V.22 bis, V.22, V.23, and V.21; Bell 212A and 103
   − V.42 LAPM and MNP 2-4 error correction
   − V.42 bis and MNP 5 data compression
   − V.250 (ex V.25 ter) and V.251 (ex V.25 ter Annex A) commands
   − Fax modem send and receive rates up to 14.4 kbps ITU-T V.17, V.29, V.27 ter, and V.21 channel 2
   − EIA/TIA 578 Class 1 and T.31 Class 1.0 commands
• Voice, telephony, TAM
   − V.253 commands
   − 8-bit µ-Law/A-Law coding (G.711)
   − 8-bit/16-bit linear coding
   − 8000/7200 Hz sample rate
   − Music on hold from host or analog hardware input
   − TAM support with concurrent DTMF detect, ring detect and caller ID
• V.80 synchronous access mode supports host-controlled communication protocols
   − H.324 interface support
• V.8/V.8bis and V.251 (ex V.25 ter Annex A) commands
• Full-duplex Speakerphone (FDSP) Mode (SP model)
   − Telephone handset interface
   − External microphone and speaker interface
   − Microphone gain and muting
   − Speaker volume control and muting
   − Adaptive acoustic, line, and handset echo cancellation
   − Loop gain control, transmit and receive path AGC
• Data/Fax/Voice call discrimination
• Multiple country support
   − Call progress, blacklisting
• Single profile stored in host
• Modem and audio paths concurrent across PCI Bus
• System compatibilities
   − Windows 95, Windows 95 OSR2, Windows 98, Windows NT 4.0, Windows NT 5.0 operating systems
   − Microsofts PC 98 Design Initiative compliant
   − Unimodem/V compliant
   − Pentium 133 MHz equivalent or greater
   − 16 Mbyte RAM or more
• 32-bit PCI Local Bus interface
   − Conforms to the PCI Local Bus Specification, Production Version, Revision 2.1
   − PCI Bus Mastering interface to the MDP
   − 33 MHz PCI clock support




Similar Part No. - RH56D-PCI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RH56D-PCI ETC-RH56D-PCI Datasheet
357Kb / 60P
   MODEM DEVICE FAMILY FOR DESKTOP APPLICATIONS
More results


Similar Description - RH56D-PCI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS56L-PCI ETC2-RS56L-PCI Datasheet
161Kb / 12P
   Host-Processed V.90/K56flex?? Modem Device Family for Mobile Applications
logo
Synaptics Incorporated.
RC56LD CONEXANT-RC56LD Datasheet
194Kb / 22P
   Integrated V.90/K56flex/V.34/V.32bis Modem Device Sets for Low Power Applications
RC56D-USB CONEXANT-RC56D-USB Datasheet
171Kb / 14P
   INTEGRATED V.90/K56FLEX MODEM DEVICE SETS WITH USB INTERFACE FOR DESKTOP APPLICATIONS
RP56D CONEXANT-RP56D Datasheet
230Kb / 18P
   Low Voltage V.90/ K56flex / V.34/ v.32bis Modem Data Pumps for Desktop Applications
RP56LD CONEXANT-RP56LD Datasheet
286Kb / 24P
   LOW VOLTAGE V.90/K56FLEX V.34/V.32 BIS MODEM DATA PUMPS FOR LOW POWER APPLICATIONS
logo
Bel Fuse Inc.
2811B BEL-2811B Datasheet
30Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
logo
Filtran LTD
7197 FILTRAN-7197 Datasheet
183Kb / 1P
   V.90 Modem transformer
6647 FILTRAN-6647 Datasheet
87Kb / 1P
   V.90 Modem Transformer
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com